PART |
Description |
Maker |
0443-0050-10 0443-0500-10 0443-0030-10 0443-0080-1 |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Tapped Delay Line 抽头延迟
|
Bel Fuse, Inc.
|
BZT52C47 BZT52C5V6 BZT52C5V1 BZT52C4V7 BZT52C51 BZ |
Surface mount Zener Diodes Hex Schmitt-Trigger Inverter 14-SSOP -40 to 125 3-Line To 8-Line decoder/Demultiplexer 16-SO -40 to 85 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC -40 to 125 22.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3-Line To 8-Line decoder/Demultiplexer 16-SOIC -40 to 85 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual 2-Line To 4-Line Decoder/Demultiplexer 16-SO -40 to 85 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG Microsemi, Corp.
|
MTD48 74LCX162244 74LCX162244GX 74LCX162244MEA 74L |
Low Voltage 16-Bit Buffer/Line Driver with 26 Ohm Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HBCR-2010 HBCR-2011 |
HBCR-2011 · Progammable Bar Code Decode ICs HBCR-2010 · Progammable Bar Code Decode ICs
|
Agilent (Hewlett-Packard)
|
MAX667 MAX667CPA MAX667CSA MAX667EPA MAX667ESA MAX |
5V/Programmable Low-Dropout Voltage Regulator From old datasheet system CONNECTOR ACCESSORY Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-CDIP -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HSDL-7000 |
IR 3/16 Encode/Decode IC
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HSDL-7001 |
IR 3/16 Encode/Decode IC
|
Agilent(Hewlett-Packard)
|
74VCX16244 |
Low Voltage 16-Bit Buffer/Line Driver with
|
Fairchild
|
RCLAMP3321P RCLAMP3321P.TNT |
Ultra-Low Capacitance 1-Line, 3.3V ESD protection Low ESD clamping voltage
|
Semtech Corporation Gennum Corporation
|
PQ05RF14 |
1A Output / Low Power-Loss Voltage Regulator Considering Power Line Voltage Drop 1A Output, Low Power-Loss Voltage Regulator Considering Power Line Voltage Drop
|
SHARP[Sharp Electrionic Components]
|
74LCXH162244 74LCXH162244MEA 74LCXH162244MTX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs From old datasheet system
|
Fairchild Semiconductor
|